Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download EMA110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMA110
UPDATED 11/11/2004
0.5 - 3.0 GHz High Linearity Power MMIC
FEATURES
* * * * * * 0.5 - 3.0 GHz BANDWIDTH 27.0dBm TYPICAL OUTPUT POWER -45dBc OIMD3 @ 17dBm EACH TONE Pout 11.0 dB TYPICAL POWER GAIN SINGLE BIAS SUPPLY 100% DC TESTED
Dimension: 760um X 700um
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL F P1dB Gss IMD3 RLIN RLOUT IDD RTH PARAMETER/TEST CONDITIONS1 Operating Frequency Range Power at 1dB Compression VDD = 8.0V, F = 2.4G
Caution! ESD sensitive device. MIN 0.5 26.0 10.0 27.0 11.0 -45 -12 -12 170 240 35 -42 -8 -8 270
o
TYP
MAX 3.0
UNITS GHz dBm dB dBc dB dB mA C/W
Small Signal Gain VDD = 8.0V, F = 2.4G Output 3rd Order Intermodulation Distortion @f=10MHz, Each Tone Pout 16dBm VDD = 8.0V, F = 2.4G Input Return Loss Output Return Loss Drain Current Thermal Resistance1 VDD = 8.0V VDD = 8.0V
Note: 1. Overall Rth depends on die attach.
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION1,2
SYMBOL VDD VGG IDD IGSF PIN PT TCH TSTG Gate Voltage Drain Current Forward Gate Current Input Power Total Power Dissipation Channel Temperature Storage Temperature CHARACTERISTIC Power Supply Voltage VALUE 8V -3 V IDSS 10 mA @ 3dB compression 2.8 W 150C -65/+150C
Notes: 1. Operating the device beyond any of the above ratings may result in permanent damage or reduction of MTTF. 2. Bias conditions must also satisfy the following equation PT < (TCH -THS)/RTH; where THS = temperature of heatsink, and PT = (VDD * IDD) - (POUT - PIN).
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2004


▲Up To Search▲   

 
Price & Availability of EMA110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X